Part Number Hot Search : 
SLD104AU R7S00412 SK520 FDQ7238S ON1518 KAQW214 G2406 ISL976
Product Description
Full Text Search
 

To Download MMA0204501001D13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Metal GlazeTM General Purpose Surface Mount Power Resistor
MM Series
* Up to 2 watts * Up to 1000 volts * 0.1 ohm to 2.2 megohm range * 150C maximum operating temperature
60/40 Solder over nickel barrier High temperature dielectric coating Metal GlazeTM thick film element fired at 1000C to solid ceramic substrate
Electrical Data
Size Code Industry Footprint IRC Type Maximum Working Power Voltage Rating 1/2 400 Resistance Range (ohms) 0.1 to 0.99 B 1206 MMA0204 1.0 to 1.0M 20 to 348K 0.1 to 0.99 F 2512 MMB0207 1 700 1.0 to 2.21M 20 to 348K H 3610 MMC0310 2 1000 0.1 to 0.99 1.0 to 2.21M Tolerance (+%) 1, 2, 5 1, 2, 5 0.25, 0.5 1, 2, 5 1, 2, 5 0.25, 0.5 1, 2, 5 1, 2, 5 TCR (ppm/C) 100 50, 100 50, 100 100 50, 100 50, 100 100 50, 100 Product Category Low Range Standard Tight Tolerance Low Range Standard Tight Tolerance Low Range Standard
Not to exceed P x R
Consult factory for tighter TCR, tolerance, or resistance values.
Environmental Data
Characteristics Temperature Coefficient Thermal Shock Low Temperature Operation Short Time Overload High Temperature Exposure Resistance to Bonding Exposure Solderability Moisture Resistance Life Test Terminal Adhesion Strength Maximum Change As specified 0.5% +0.01 0.25% +0.01 0.5% +0.01 1% for R>100K 0.5% +0.01 0.25% +0.01 Test Method MIL-R-55342E Par 4.7.9 (-55C +125C) MIL-R-55342E Par 4.7.3 (-65C +150C, 5 cycles) MIL-R-55342E Par 4.7.4 (-65C @ working voltage) MIL-R-55342E Par 4.7.5 2.5 x P x R for 5 seconds MIL-R-55342E Par 4.7.6 (+150C for 100 hours) MIL-R-55342E Par 4.7.7 (Reflow soldered to board at 260C for 10 seconds)
95% minimum coverage MIL-STD-202, Method 208 (245C for 5 seconds) 0.5% +0.01 0.5% +0.01 1% +0.01 no mechanical damage 0.5% +0.01 no mechanical damage MIL-R-55342E Par 4.7.8 (10 cycles, total 240 hours) MIL-R-55342E Par 4.7.10 (2000 hours @ 70C intermittent) 1200 gram push from underside of mounted chip for 60 seconds Chip mounted in center of 90mm long board, deflected 5mm so as to exert pull on chip contacts for 10 seconds
Resistance to Board Bending
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print. A subsidiary of TT electronics plc MM Series Issue March 2009 Sheet 1 of 3
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
Metal GlazeTM General Purpose Surface Mount Power Resistor
Physical Data
L C
W
Size Code B F H
Industry Footprint 1206 2512 3610
Dimensions (Inches and (mm) Actual Size L 0.128 0.007 (3.25 0.18) 0.251 0.010 (6.38 0.25) 0.367 0.010 (9.32 0.25) W 0.057 0.006 (1.45 0.15) 0.079 0.006 (2.01 0.15) 0.105 0.006 (2.67 0.15) C* 0.020 0.010 (0.51 0.25) 0.040 0.010 (1.02 0.25) 0.050 0.010 (1.27 0.25)
*C dimension is average termination width.
Recommended Solder Pad Dimensions (Reflow):
F A C A
B
E
D
Size Code B F H
Industry Footprint 1206 2512 3610
Dimensions (Inches and mm)) A 0.076 (1.93) 0.121 (3.07) 0.170 (4.32) B 0.093 (2.36) 0.126 (3.20) 0.160 (4.06) C 0.058 (1.47) 0.127 (3.23) 0.213 (5.41) D 0.098 (2.49) 0.183 (4.65) 0.273 (6.93) E 0.032 (0.81) 0.040 (1.02) 0.044 (1.12) F 0.211 (5.36) 0.369 (9.37) 0.553 (14.05)
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com MM Series Issue March 2009 Sheet 2 of 3
Metal GlazeTM General Purpose Surface Mount Power Resistor
Standard Reel Packaging per EIA-481:
Size Code B F H Industry Footprint 1206 2512 3610 Reel Diameter* 7 13 7" 13 13 Quantity Per Reel 2,500 max. 10,000 max. 1,500 max. 5,000 max. 1,500 max. Carrier Tape Width 8mm 12mm 24mm Component Pitch 4mm 4mm 4mm
*The 13 reel is considered standard and will be supplied unless otherwise specified.
Power Derating Curve
120
Repetitive Surge Curve
1000
Percent Relative Power
100
Peak Power (watts)
1/8, 1/2, 1
80 60
1
2
100
2
40 20 0
1/2 1/8
10
30 40
50
60
70 80
90 100 110 120 130 140 150
1 0.0001
.1msec
0.0010
1msec
0.0100
10msec
0.1000
100msec
1.0000
10000msec
Ambient Temperature (C)
Surge or Pulse Duration (seconds)
Note: Use for repetitive pulses where the average power dissipation is not to exceed the component rating at 70C. Surge handling capacity for low-repetitive surges may be significantly greater than shown above. Contact factory for recommendations.
Ordering Data
Sample Part No. IRC Type
(MMA0204, MMB0207, MMC0310)
MMA0204
50
2203
F
13
Temperature Coefficient
50 = 50 ppm/C; 100 = 100 ppm/C
Note: RoHS compliance is noted by inserting "LF" into the part number immediately following the tolerance designator. RoHS compliant metallization is 96.5% Sn / 3% Ag / 0.5% Cu. RoHScompliant product is NOT backwards compatible to Sn/Pb soldering environments.
Resistance Value
(100 ohms and greater - First 3 significant figures plus 4th digit multiplier) Example: 100 ohms = 1000, 1000 ohms = 1001, 150,000 ohms = 1503 (Less than 100 ohms - `R' is used to designate decimal) Example: 51 ohms = 51R0, 1 ohm = 1R00, 0.25 ohm = R250
Tolerance
(D = 0.5%, F = 1.0%)
Packaging Details
(BLK = Bulk, 7 = 7" Reel, 13 = 13" Reel)
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com MM Series Issue March 2009 Sheet 3 of 3


▲Up To Search▲   

 
Price & Availability of MMA0204501001D13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X